PART |
Description |
Maker |
63811-7800 50012-8100 50013-8100 51005-0300 51005- |
Locking Plug and Receptacle
|
MolexKits
|
43025-1600 43025-0200 |
HEADER CONNECTOR,CABLE MNT,PLUG,16 CONTACTS,SKT,0.118 PITCH,LOCKING MECH 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,LOCKING MECH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
51144-0500 51144-0200 51144-0300 51144-0400 51144- |
Header Connector,Cable Mnt,PLUG,5 Contacts,0.156 Pitch,LOCKING MECH 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.96 WIRE TO BOARD CONNECTOR HOUSING
|
Molex, Inc. Molex Electronics Ltd.
|
561-M2707 |
Locking Hole Plug
|
List of Unclassifed Man...
|
PD-L515R-B |
NEMA L5-15R LOCKING RECEPTACLE
|
PowerDynamics, Inc
|
MS3459 |
STRAIGHT PLUG WITH SELF-LOCKING COUPLING NUT
|
List of Unclassifed Manufacturers ETC[ETC]
|
10-00122 |
Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL2468
|
Tensility International Corp.
|
130141-0062 |
Super-Safeway? Plug with Locking Blade, 2 Pole/2 Wire, NEMA L5-20, 125V
|
Molex Electronics Ltd.
|
10-00113 |
Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
|
Tensility International Corp.
|
10-00120 |
Cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 AWG, UL2468
|
Tensility International Corp.
|
130149-0042 |
Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
|
Molex Electronics Ltd.
|
|